|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SEMICONDUCTOR TECHNICAL DATA GENERAL PURPOSE APPLICATION. A TIP31CF TRIPLE DIFFUSED NPN TRANSISTOR C Complementary to TIP32CF. F FEATURES U E S MAXIMUM RATING (Ta=25... ) CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range Ta=25... Tc=25... DC Pulse SYMBOL VCBO VCEO VEBO IC ICP IB PC Tj Tstg RATING 100 100 5 3 5 1 2 25 150 -55150 UNIT V V V K T L L M D D N T N T A O Q 1 2 3 DIM MILLIMETERS A 10.30 MAX B 15.30 MAX C 2.70ae0.30 D 0.85 MAX E *' 3.20ae0.20 F 3.00ae0.30 12.30 MAX G 0.75 MAX RH 13.60ae0.50 J K 3.90 MAX L 1.20 1.30 M V N 2.54 4.50ae0.20 O P 6.80 2.60ae0.20 Q R 10 H S 25 5 T U 0.5 V 2.60ae0.15 G J B A W W ... ... 1. BASE 2. COLLECTOR 3. EMITTER TO-220IS ELECTRICAL CHARACTERISTICS (Ta=25... ) CHARACTERISTIC Collector Emitter Sustaining Voltage Collector Cut-off Current Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter On Voltage Transition Frequency SYMBOL VCEO(SUS) ICEO ICES IEBO hFE VCE(sat) VBE(on) fT TEST CONDITION IC=30mA, IB=0 VCE=60V, IB=0 VCE=100V, VEB=0 VBE=5V, IC=0 VCE=4V, IC=1A VCE=4V, IC=3A IC=3A, IB=375mA VCE=4V, IC=3A VCE=10V, IC=500mA f=1MHz MIN. 100 25 10 3.0 TYP. MAX. 0.3 200 1 50 1.2 1.8 V V MHz UNIT V mA *IA mA 2002. 6. 14 Revision No : 0 P 1/2 TIP31CF h FE - I C 1k 500 300 100 50 30 10 5 3 1 -1 VCE =-4V V CE(sat) ,VBE(sat) - I C -10k -5k -3k -1k -500 -300 -100 -50 -30 -10 VBE(sat) I C /I B =10 SATURATION VOLTAGE V CE(sat) ,VBE(sat) (mV) DC CURRENT GAIN hFE VCE(sat) -3 -10 -30 -100 -300 -1k -3k -10k -1 -3 -10 -30 -100 -300 -1k -3k -10k COLLECTOR CURRENT I C (mA) COLLECTOR CURRENT I C (mA) COLLECTOR POWER DISSIPATION P C (W) P C - Ta 30 COLLECTOR CURRENT I C (A) 25 20 15 10 5 0 0 50 100 150 200 AMBIENT TEMPERATURE Ta ( C) -10 -5 -3 SAFE OPERATING AREA I C MAX.(PULSE) * I C MAX. (CONTIN -UOUS) s 0 10 * s 1m s 5m OP ER * * -1 -0.5 -0.3 DC AT -0.1 -4 * SINGLE NONREPETITIVE PULSE Tc=25 C CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE IN G -10 -30 -50 -100 -200 COLLECTOR-EMITTER VOLTAGE V CE (V) 2002. 6. 14 Revision No : 0 2/2 |
Price & Availability of TIP31CF |